Part Number Hot Search : 
PC364N 1N444 BCM89071 A3965S CS61310 TB2118F 24C05 LS161
Product Description
Full Text Search
 

To Download MFR600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features

Applications
Customer Premise Equipment (CPE): Modems Cable modems Fax machines POS equipment Security equipment Set top boxes
Radial Leaded Devices Maximum 600 VAC interrupt fault rating Available in matched resistance "bins" Ability to withstand lightning surges RoHS compliant*, lead free Agency recognition:
*R
oH
S
CO
M
PL
MF-R/600 Series - Telecom PTC Resettable Fuses
Electrical Characteristics
Max. Interrupt Ratings Volts Max. MF-R015/600 MF-R015/600-A MF-R015/600-B MF-R015/600-F MF-R016/600 MF-R016/600-A MF-R016/600-1 60 60 60 60 60 60 60 600 600 600 600 600 600 600 Amps Max. 3 3 3 3 3 3 3 0.15 0.15 0.15 0.15 0.16 0.16 0.16 0.30 0.30 0.30 0.30 0.32 0.32 0.32 Hold Current Amps at 23 C Trip Current Amps at 23 C One Hour Max. Time Tripped Post-Trip To Trip Power Resistance @1A Dissipation Ohms at 23 C Max. 22.0 20.0 22.0 22.0 18.0 16.0 17.0 5.0 5.0 5.0 5.0 7.0 7.0 7.0 Seconds at 23 C Watts at 23 C Typ. 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Initial Resistance Ohms at 23 C Min. 6.0 7.0 9.0 7.0 4.0 4.0 4.0 Ohms at 23 C Max. 12.0 10.0 12.0 12.0 10.0 7.0 8.0
Model
Max. Operating Voltage
Environmental Characteristics
Operating/Storage Temperature ..............................-40 C to +85 C Maximum Device Surface Temperature in Tripped State......................................................125 C Passive Aging ..........................................................+85 C, 1000 hours ..........................................................5 % typical resistance change +60 C, 1000 hours 5 % typical resistance change Humidity Aging ........................................................+85 C, 85 % R.H. 500 hours ..........................................5 % typical resistance change Thermal Shock ........................................................MIL-STD-202F, Method 107G, ........................................10 % typical resistance change +125 C to -55 C,10 times 15 % typical resistance change Solvent Resistance ..................................................MIL-STD-202, Method 215B............................................No change Lead Solerability ......................................................ANSI/J-STD-002 Flammability ............................................................IEC 695-2-2......................................................................No Flame for 60 secs. Vibration ..................................................................MIL-STD-883C, Method 2007.1, Condition A..................No change
Test Procedures And Requirements For Model MF-R/600 Series Test Test Conditions Accept/Reject Criteria Visual/Mech. ......................................................Verify dimensions and materials..................Per MF physical description Resistance ..........................................................In still air @ 23 C ........................................Rmin R Rmax Time to Trip ........................................................5 times Ihold, Vmax, 23 C..........................T max. time to trip (seconds) Hold Current ......................................................30 min. at Ihold............................................No trip Trip Cycle Life ....................................................Vmax, Imax, 100 cycles ..............................No arcing or burning Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning UL File Number ..................................................E 174545S CSA File Number ................................................CA 110338
Thermal Derating Chart - Ihold (Amps)
Ambient Operating Temperature Model MF-R015/600 MF-R016/600 -40 C 0.233 0.249 -20 C 0.206 0.219 0 C 0.178 0.190 23 C 0.150 0.160 40 C 0.124 0.132 50 C 0.110 0.117 60 C 0.096 0.103 70 C 0.083 0.088 85 C 0.062 0.066
Itrip is approximately two times Ihold.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Additional Features
Ability to withstand AC power cross conditions
MF-R/600 Series - Telecom PTC Resettable Fuses
Product Dimensions
Model MF-R015/600 MF-R016/600 A Max. 13.5 (0.531) 16.0 (0.629) B Max. 12.6 (0.496) 12.6 (0.496) C Max. 6.0 (0.236) 6.0 (0.236) D Min. 4.7 (0.185) 4.7 (0.185) E Nom. 5.0 (0.197) 5.0 (0.197) Physical Characteristics Style Lead Dia. Material 0.65 1 Sn/Cu (0.026) 1 0.65 (0.026) Sn/Cu
MM (INCHES)
Packaging options: BULK: 500 pcs. per bag. Longer lead lengths available upon request.
A C
TAPE & REEL: 600 pcs. per reel.
DIMENSIONS =
Typical Part Marking
Represents total content. Layout may vary.
How to Order
MF - R 015/600 - A 05 - 2
Multifuse(R) Product Designator Series R = Radial Leaded Component Hold Current, Ihold 015-016 (0.15 - 0.16 Amps) Max. Interrupt Voltage, V Resistance Range Narrow resistance ranges are available on all models as defined in Electrical Characteristics. Resistance Bins Narrow resistance ranges can be separated into packages where each device is within 0.5 ohms of each other. Packaging Options - 0 = Bulk Packaging - 2 = Tape and Reel*
B PART IDENTIFICATION R015 DATE CODE (FIRST DIGIT = LAST DIGIT OF YEAR; SECOND DIGIT = MONTH; NEXT THREE DIGITS = LOT CODE) 24001K
MANUFACTURER'S TRADEMARK
MFG. LOCATION (K = KOREA S = CHINA)
D
E
Maximum Time to Trip at 23 C
1000
Time to Trip (Seconds)
MF-R016/600
100
MF-R015/600
10
*Packaged per EIA486-B
1
0.10 0.00
0.50
1.00
1.50
2.00
2.50
3.00
Fault Current (Amps)
Resistance Options
Model MF-R015/600 MF-R015/600-A MF-R015/600-B MF-R015/600-F MF-R016/600 MF-R016/600-A MF-R016/600-1 Rmin. 6.0 7.0 9.0 7.0 4.0 4.0 4.0 Rmax. 12.0 10.0 12.0 12.0 10.0 7.0 8.0 R1Max. 22.0 20.0 22.0 22.0 18.0 16.0 17.0 Bin N/A 0.5 0.5 0.5 N/A 0.5 0.5
MF-R/600, REV. E, 11/04
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
MF-R, MF-R/72, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series Tape and Reel Specifications
Devices taped using EIA468-B/IEC286-2 standards. See table below and Figures 1 and 2 for details. IEC Mark W W0 EIA Mark W W4 Dimensions Dimensions Tolerance
18 (.709) 11 (.433) -0.5/+1.0 (-0.02/+.039)
Dimension Description Carrier tape width Hold down tape width: Hold down tape Top distance between tape edges Sprocket hole position Sprocket hole diameter Abscissa to plane (straight lead) Abscissa to plane (kinked lead) Abscissa to top (straight lead) Abscissa to top (kinked lead) Overall width w/lead protrusion (straight lead) Overall width w/lead protrusion (kinked lead) Overall width w/o lead protrusion (straight lead) Overall width w/o lead protrusion (kinked lead) Lead protrusion Protrusion of cutout Protrusion beyond hold tape Sprocket hole pitch Pitch tolerance Device pitch: MF-R005-MF-R160, MF-R/90,
MF-RX110/72-MF-RX185/72, MF-R/72
min.
No protrusion W2 W1 D0 H H0 H1 H1 W6 W5 D0 H H0 H1 H1 C1 C1 C2 C2 I1 L I2 P0 L1 L I2 P0
3 (.118) 9 (.354) 4 (.157) 18.5 (.728) 16 (.63) 38.0 (1.496) 32.2 (1.268) 55.0 (2.165) 43.2 (1.7) 54.0 (2.126) 42.5 (1.673) 1.0 (.039) 11 (.433)
max.
-0.5/+0.75 (-0.02/+0.03) 0.2 (.0078) 3.0 (.118) 0.5 (.02)
max. max. max. max. max. max. max. max.
Not specified
12.7 (0.5) 0.3 (.012) 1 (.039) 0.3 (.012) 0.6 (.024)
20 consecutive
12.7 (0.5) 25.4 (1.0)
Device pitch: MF-R185-MF-R400, MF-RX110-MF-RX375
MF-R/600, MF-RX250/72-MF-RX375/72
Tape thickness Tape thickness with splice: MF-R010-MF-R160,
MF-R/72, MF-RX110/72-MF-RX185/72,
t
t t1 t1
0.9 (.035) 1.5 (.059) 2.3 (.091)
max. max. max.
0.3 (.012) 1.0 (.039) 1.3 (.051) 0.2 (.008)
Tape thickness with splice: MF-R250-MF-R1100
MF-RX110-MF-RX375, MF-R/90, MF-RX250/72-MF-RX375/72
Splice sprocket hole alignment Body lateral deviation Body tape plane deviation Lead spacing Reel width Reel diameter Space between flanges less device h p F w d W1 h p F W2 a h
0 0 0
5.08 (0.2) 56 (2.205) 370 (14.57) 4.75 (.187)
max. max.
3.25 (.128)
DIMENSIONS =
MM (INCHES)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
MF-R, MF-R/72, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series Tape and Reel Specifications
Dimension Description Arbor hole diameter Core diameter: MF-R, MF-RX, MF-R/90
IEC Mark f h
EIA Mark c n
Dimensions Dimensions Tolerance
26 (1.024) 80 (3.15) 12.0 (.472)
max.
Core diameter: MF-RX/250, MF-R/600 Box: MF-R, MF-RX, MF-R/90 Box: MF-RX/250 Box: MF-R/600 Consecutive missing places: MF-R, MF-RX, MF-R/90 Consecutive missing places: MF-RX/250, MF-R/600 Empty places per reel: MF-R, MF-RX, MF-R/90 Empty places per reel: MF-RX/250, MF-R/600
h
n
56 (2.2) 67 (2.64) 64 (2.52)
91 (3.58) 372 (14.6) 372 (14.6) 372 (14.6) 372 (14.6) 362 (14.25) 362 (14.25)
max. max. max. max. max.
3 none Not specified 0.1 %
Taped Component Dimensions - Figure 1
h h p p
Reference plane H1 L P1 F A B W0 H0 W1 W H H1
DIMENSIONS = MM (INCHES)
I2
I1
P0
D0
User direction of feed Cross section A - B
Reel Dimensions - Figure 2
t Reel h d User direction of feed Upper side Tape
Lower side
f
h w
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of MFR600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X